Part Number Hot Search : 
UJA1163 AD6315LF M101A 15K1A318 CM1508 628128 C101A 0100C
Product Description
Full Text Search
 

To Download MC78L12ABDG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC78L00A Series, NCV78L00A 100 mA Positive Voltage Regulators
The MC78L00A Series of positive voltage regulators are inexpensive, easy-to-use devices suitable for a multitude of applications that require a regulated supply of up to 100 mA. Like their higher powered MC7800 and MC78M00 Series cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the MC78L00 devices in many applications. These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as output impedance and quiescent current are substantially reduced.
Features http://onsemi.com
1
TO-92 P SUFFIX CASE 029 2 3 Pin: 1. Output 2. Ground 3. Input
* * * * * * * *
Wide Range of Available, Fixed Output Voltages Low Cost Internal Short Circuit Current Limiting Internal Thermal Overload Protection No External Components Required Complementary Negative Regulators Offered (MC79L00A Series) Pb-Free Packages are Available NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes
15k Q1 Q10 3.8k Q4 Q6 5.0k 3.0 0-25k Output Q3 Q5 Q11 Q12 Input
8 1
SOIC-8* D SUFFIX CASE 751
*SOIC-8 is an internally modified SO-8 package. Pins 2, 3, 6, and 7 are electrically common to the die attach flag. This internal lead frame modification decreases package thermal resistance and increases power dissipation capability when appropriately mounted on a printed circuit board. SOIC-8 conforms to all external dimensions of the standard SO-8 package.
PIN CONNECTIONS
VOUT 1 GND 2 8 7 6 5 (Top View) VIN GND GND NC
1.2k Q2
1.9k
19k C
2.2k Q9 Q8 2.85k
GND 3 NC 4
Z1 420
Q7 1.0k Ground
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 9 of this data sheet.
Figure 1. Representative Schematic Diagram
Input Cin* 0.33mF MC78LXXA Output CO**
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 14 of this data sheet.
Figure 2. Standard Application
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0 V above the output voltage even during the low point on the input ripple voltage. * Cin is required if regulator is located an appreciable distance from power supply filter. ** CO is not needed for stability; however, it does improve transient response.
(c) Semiconductor Components Industries, LLC, 2005
1
May, 2005 - Rev. 10
Publication Order Number: MC78L00A/D
MC78L00A Series, NCV78L00A
MAXIMUM RATINGS (TA = +125C, unless otherwise noted.)
Rating Input Voltage (2.6 V-8.0 V) Input Voltage (12 V-18 V) Input Voltage (24 V) Storage Temperature Range Operating Junction Temperature Range Symbol VI Value 30 35 40 -65 to +150 0 to +150 Unit Vdc
Tstg TJ
C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (VI = 10 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, - 40C < TJ < +125C (for MC78LXXAB, NCV78L05A), 0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.)
MC78L05AC, AB, NCV78L05A Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 7.0 Vdc VI 20 Vdc 8.0 Vdc VI 20 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (7.0 Vdc VI 20 Vdc, 1.0 mA IO 40 mA) (VI = 10 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (8.0 Vdc VI 20 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 8.0 Vdc VI 18 V, TJ = +25C) Dropout Voltage (TJ = +25C) NOTE: Symbol VO Regline - - Regload - - VO 4.75 4.75 IIB - - DIIB - - Vn RR VI - VO - 41 - - - 40 49 1.7 1.5 0.1 - - - mV dB Vdc 3.8 - 6.0 5.5 mA - - 5.25 5.25 mA 11 5.0 60 30 Vdc 55 45 150 100 mV Min 4.8 Typ 5.0 Max 5.2 Unit Vdc mV
NCV78L05A: Tlow = -40C, Thigh = +125C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control.
http://onsemi.com
2
MC78L00A Series, NCV78L00A
ELECTRICAL CHARACTERISTICS (VI = 14 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, - 40C < TJ < +125C (for MC78LXXAB), 0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.)
MC78L08AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 10.5 Vdc VI 23 Vdc 11 Vdc VI 23 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (10.5 Vdc VI 23 Vdc, 1.0 mA IO 40 mA) (VI = 14 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (11 Vdc VI 23 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 12 V VI 23 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline - - Regload - - VO 7.6 7.6 IIB - - DIIB - - Vn RR VI - VO - 37 - - - 60 57 1.7 1.5 0.1 - - - mV dB Vdc 3.0 - 6.0 5.5 mA - - 8.4 8.4 mA 15 8.0 80 40 Vdc 20 12 175 125 mV Min 7.7 Typ 8.0 Max 8.3 Unit Vdc mV
ELECTRICAL CHARACTERISTICS (VI = 15 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, - 40C < TJ < +125C (for MC78LXXAB), 0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.)
MC78L09AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 11.5 Vdc VI 24 Vdc 12 Vdc VI 24 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (11.5 Vdc VI 24 Vdc, 1.0 mA IO 40 mA) (VI = 15 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (11 Vdc VI 23 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 13 V VI 24 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline - - Regload - - VO 8.5 8.5 IIB - - DIIB - - Vn RR VI - VO - 37 - - - 60 57 1.7 1.5 0.1 - - - mV dB Vdc 3.0 - 6.0 5.5 mA - - 9.5 9.5 mA 15 8.0 90 40 Vdc 20 12 175 125 mV Min 8.6 Typ 9.0 Max 9.4 Unit Vdc mV
http://onsemi.com
3
MC78L00A Series, NCV78L00A
ELECTRICAL CHARACTERISTICS (VI = 19 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, - 40C < TJ < +125C (for MC78LXXAB), 0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.)
MC78L12AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 14.5 Vdc VI 27 Vdc 16 Vdc VI 27 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (14.5 Vdc VI 27 Vdc, 1.0 mA IO 40 mA) (VI = 19 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (16 Vdc VI 27 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 15 V VI 25 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline - - Regload - - VO 11.4 11.4 IIB - - DIIB - - Vn RR VI - VO - 37 - - - 80 42 1.7 1.5 0.1 - - - mV dB Vdc 4.2 - 6.5 6.0 mA - - 12.6 12.6 mA 20 10 100 50 Vdc 120 100 250 200 mV Min 11.5 Typ 12 Max 12.5 Unit Vdc mV
ELECTRICAL CHARACTERISTICS (VI = 23 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, - 40C < TJ < +125C (for MC78LXXAB), S 0C < TJ < +125C (for MC78LXXAC), unless otherwise noted.)
MC78L15AC, AB Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 17.5 Vdc VI 30 Vdc 20 Vdc VI 30 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (17.5 Vdc VI 30 Vdc, 1.0 mA IO 40 mA) (VI = 23 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (20 Vdc VI 30 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 18.5 V VI 28.5 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline - - Regload - - VO 14.25 14.25 IIB - - DIIB - - Vn RR VI - VO - 34 - - - 90 39 1.7 1.5 0.1 - - - mV dB Vdc 4.4 - 6.5 6.0 mA - - 15.75 15.75 mA 25 12 150 75 Vdc 130 110 300 250 mV Min 14.4 Typ 15 Max 15.6 Unit Vdc mV
http://onsemi.com
4
MC78L00A Series, NCV78L00A
ELECTRICAL CHARACTERISTICS (VI = 27 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, 0C < TJ < +125C, unless otherwise noted.)
MC78L18AC Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 21.4 Vdc VI 33 Vdc 20.7 Vdc VI 33 Vdc 22 Vdc VI 33 Vdc 21 Vdc VI 33 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (21.4 Vdc VI 33 Vdc, 1.0 mA IO 40 mA) (20.7 Vdc VI 33 Vdc, 1.0 mA IO 40 mA) (VI = 27 V, 1.0 mA IO 70 mA) (VI = 27 V, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (22 Vdc VI 33 Vdc) (21 Vdc VI 33 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 23 V VI 33 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Min 17.3 Typ 18 Max 18.7 Unit Vdc
Regline
- -
45 35 30 15
325 275
mV
Regload - - VO 17.1 17.1 IIB - - DIIB - - Vn RR VI - VO - 33 - - - 150 48 1.7 1.5 0.1 - - - 3.1 - 6.5 6.0 - - 18.9 18.9 170 85
mV
Vdc
mA
mA
mV dB Vdc
http://onsemi.com
5
MC78L00A Series, NCV78L00A
ELECTRICAL CHARACTERISTICS (VI = 33 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, 0C < TJ < +125C, unless otherwise noted.)
MC78L24AC Characteristics Output Voltage (TJ = +25C) Line Regulation (TJ = +25C, IO = 40 mA) 27.5 Vdc VI 38 Vdc 28 Vdc VI 80 Vdc 27 Vdc VI 38 Vdc Load Regulation (TJ = +25C, 1.0 mA IO 100 mA) (TJ = +25C, 1.0 mA IO 40 mA) Output Voltage (28 Vdc VI 38 Vdc, 1.0 mA IO 40 mA) (27 Vdc VI 38 Vdc, 1.0 mA IO 40 mA) (28 Vdc VI = 33 Vdc, 1.0 mA IO 70 mA) (27 Vdc VI 33 Vdc, 1.0 mA IO 70 mA) Input Bias Current (TJ = +25C) (TJ = +125C) Input Bias Current Change (28 Vdc VI 38 Vdc) (1.0 mA IO 40 mA) Output Noise Voltage (TA = +25C, 10 Hz f 100 kHz) Ripple Rejection (IO = 40 mA, f = 120 Hz, 29 V VI 35 V, TJ = +25C) Dropout Voltage (TJ = +25C) Symbol VO Regline - - - Regload - - VO 22.8 22.8 IIB - - DIIB - - Vn RR VI - VO - 31 - - - 200 45 1.7 1.5 0.1 - - - mV dB Vdc 3.1 - 6.5 6.0 mA - - 25.2 25.2 mA 40 20 200 100 Vdc - 50 60 - 300 350 mV Min 23 Typ 24 Max 25 Unit Vdc mV
http://onsemi.com
6
MC78L00A Series, NCV78L00A
8.0 VO, OUTPUT VOLTAGE (V) MC78L05AC Vout = 5.0 V TJ = 25C IO = 1.0 mA 4.0 IO = 40 mA 2.0 IO = 100 mA V I -V O , INPUT/OUTPUT DIFFERENTIAL VOLTAGE (V) 2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 100 TJ, JUNCTION TEMPERATURE (C) 125 IO = 40 mA IO = 1.0 mA Dropout of Regulation is defined as when VO = 2% of VO IO = 70 mA
6.0
0
0
2.0
4.0 6.0 VI, INPUT VOLTAGE (V)
8.0
10
Figure 3. Dropout Characteristics
Figure 4. Dropout Voltage versus Junction Temperature
4.2 I IB , INPUT BIAS CURRENT (mA) 4.0 3.8 3.6 3.4 3.2 3.0 0 0 25 50 75 100 TA, AMBIENT TEMPERATURE (C) 125 MC78L05AC VI = 10 V VO= 5.0 V IO = 40 mA I IB , INPUT BIAS CURRENT (mA)
5.0 4.0 3.0 2.0 1.0 0 0 5.0 10 15 20 25 VI, INPUT VOLTAGE (V) 30 35 40 MC78L05AC Vout = 5.0 V IO = 40 mA TJ = 25C
Figure 5. Input Bias Current versus Ambient Temperature
Figure 6. Input Bias Current versus Input Voltage
R JA, THERMAL RESISTANCE JUNCTION-TO-AIR ( C/W)
PD , POWER DISSIPATION (mW)
150 130
PD(max) for TA = 50C
2.8 2.4
No Heatsink
1000
90 70 50 30 0 10 RqJA 20
100 RqJA = 200C/W PD(max) to 25C = 625 mW 10 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) 150
L, LENGTH OF COPPER (mm)
Figure 7. Maximum Average Power Dissipation versus Ambient Temperature - TO-92 Type Package
Figure 8. SOIC-8 Thermal Resistance and Maximum Power Dissipation versus P.C.B. Copper Length
http://onsemi.com
7
III I II IIIIIII I III IIIIIII
L 2.0 oz. Copper L 3.0 mm 30 40
110
Graph represents symmetrical layout
2.0 1.6 1.2 0.8 0.4 50
PD, MAXIMUM POWER DISSIPATION (W)
10,000
170
3.2
MC78L00A Series, NCV78L00A
APPLICATIONS INFORMATION
Design Considerations
The MC78L00A Series of fixed voltage regulators are designed with Thermal Overload Protection that shuts down the circuit when subjected to an excessive power overload condition. Internal Short Circuit Protection limits the maximum current the circuit will pass. In many low current applications, compensation capacitors are not required. However, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. The
input bypass capacitor should be selected to provide good high-frequency characteristics to insure stable operation under all load conditions. A 0.33 mF or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. The bypass capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. Good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. Bypassing the output is also recommended.
+20V 0.33mF Input 0.33mF IO MC78L05A R Constant Current to Grounded Load
MC78L15A 2 - MC1741 3 + 4 MPS A70 7
+VO 10k
6
10k
0.33mF 6.5 20V MPS U55
The MC78L00 regulators can also be used as a current source when connected as above. In order to minimize dissipation the MC78L05C is chosen in this application. Resistor R determines the current as follows: 5.0 V IO = + IB R IIB = 3.8 mA over line and load changes For example, a 100 mA current source would require R to be a 50 W, 1/2 W resistor and the output voltage compliance would be the input voltage less 7 V.
-VO
Figure 10. 15 V Tracking Voltage Regulator
+VI 0.33mF -VI 0.33mF MC79LXXA 0.1mF -VO MC78LXXA 0.1mF
+VO
Figure 9. Current Regulator
Figure 11. Positive and Negative Regulator
http://onsemi.com
8
MC78L00A Series, NCV78L00A
ORDERING INFORMATION
Device MC78L05ABD MC78L05ABDG MC78L05ABDR2 MC78L05ABDR2G NCV78L05ABDR2* NCV78L05ABDR2G* MC78L05ABP MC78L05ABPG MC78L05ABPRA MC78L05ABPRAG MC78L05ABPRE MC78L05ABPREG MC78L05ABPRM MC78L05ABPRMG MC78L05ACD MC78L05ACDG MC78L05ACDR2 MC78L05ACDR2G MC78L05ACP MC78L05ACPG MC78L05ACPRA MC78L05ACPRAG MC78L05ACPRE MC78L05ACPREG MC78L05ACPRM MC78L05ACPRMG MC78L05ACPRP MC78L05ACPRPG TJ = 0 to +125C 5.0 V TJ = -40 to +125C Output Voltage Operating Temperature Range Package SOIC-8 SOIC-8 SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) Shipping 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack 2000 Ammo Pack 2000 Ammo Pack
*NCV78L05A: Tlow = -40C, Thigh = +125C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
9
MC78L00A Series, NCV78L00A
ORDERING INFORMATION (continued)
Device MC78L08ABD MC78L08ABDG MC78L08ABDR2 MC78L08ABDR2G MC78L08ABP MC78L08ABPG MC78L08ABPRA MC78L08ABPRAG MC78L08ABPRP MC78L08ABPRPG MC78L08ACD MC78L08ACDG MC78L08ACDR2 MC78L08ACDR2G MC78L08ACP MC78L08ACPG MC78L08ACPRA MC78L08ACPRAG MC78L08ACPRE MC78L08ACPREG MC78L08ACPRP MC78L08ACPRPG MC78L09ABD MC78L09ABDG MC78L09ABDR2 MC78L09ABDR2G MC78L09ABPRA MC78L09ABPRAG MC78L09ABPRP MC78L09ABPRPG 9.0 V TJ = -40 to +125C TJ = 0 to +125C 8.0 V TJ = -40 to +125C Output Voltage Operating Temperature Range Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) Shipping 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
10
MC78L00A Series, NCV78L00A
ORDERING INFORMATION (continued)
Device MC78L09ACD MC78L09ACDG MC78L09ACDR2 MC78L09ACDR2G MC78L09ACP MC78L09ACPG MC78L12ABD MC78L12ABDG MC78L12ABDR2 MC78L12ABDR2G MC78L12ABP MC78L12ABPG MC78L12ABPRP MC78L12ABPRPG NCV78L12ABDR2* NCV78L12ABDR2G* MC78L12ACD MC78L12ACDG MC78L12ACDR2 MC78L12ACDR2G MC78L12ACP MC78L12ACPG MC78L12ACPRA MC78L12ACPRAG MC78L12ACPRE MC78L12ACPREG MC78L12ACPRM MC78L12ACPRMG MC78L12ACPRP MC78L12ACPRPG TJ = 0 to +125C 12 V TJ = -40 to +125C 9.0 V TJ = 0 to +125C Output Voltage Operating Temperature Range Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) Shipping 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 2000 Ammo Pack 2000 Ammo Pack 2500 Tape & Reel 2500 Tape & Reel 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack 2000 Ammo Pack 2000 Ammo Pack
*NCV78L12A: Tlow = -40C, Thigh = +125C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
11
MC78L00A Series, NCV78L00A
ORDERING INFORMATION (continued)
Device MC78L15ABD MC78L15ABDG MC78L15ABDR2 MC78L15ABDR2G MC78L15ABP MC78L15ABPG MC78L15ABPRA MC78L15ABPRAG MC78L15ABPRP MC78L15ABPRPG MC78L15ACD MC78L15ACDG MC78L15ACDR2 MC78L15ACDR2G MC78L15ACP MC78L15ACPG MC78L15ACPRA MC78L15ACPRAG MC78L15ACPRP MC78L15ACPRPG TJ = 0 to +125C 15 V TJ = -40 to +125C Output Voltage Operating Temperature Range Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) Shipping 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack 98 Units/Rail 98 Units/Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
12
MC78L00A Series, NCV78L00A
ORDERING INFORMATION (continued)
Device MC78L18ABP MC78L18ABPG MC78L18ACP MC78L18ACPG MC78L18ACPRA MC78L18ACPRAG MC78L18ACPRM MC78L18ACPRMG MC78L18ACPRP MC78L18ACPRPG MC78L24ABP MC78L24ABPG MC78L24ACP MC78L24ACPG MC78L24ACPRA MC78L24ACPRAG MC78L24ACPRP MC78L24ACPRPG 24 V TJ = 0 to +125C TJ = -40 to +125C 18 V TJ = 0 to +125C TJ = -40 to +125C Output Voltage Operating Temperature Range Package TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) Shipping 2000 Units/Bag 2000 Units/Bag 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack 2000 Ammo Pack 2000 Ammo Pack 2000 Units/Bag 2000 Units/Bag 2000 Units/Bag 2000 Units/Bag 2000 Tape & Reel 2000 Tape & Reel 2000 Ammo Pack 2000 Ammo Pack
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
13
MC78L00A Series, NCV78L00A
MARKING DIAGRAMS
SOIC-8 D SUFFIX CASE 751 8 8LxxA ALYWB G 1 xx A L Y W B, C G 1 = 05, 08, 09, 12, or 15 = Assembly Location = Wafer Lot = Year = Work Week = Temperature Range = Pb-Free Package 8 8LxxA ALYWC G
TO-92 P SUFFIX CASE 029 MC78L zzABP ALYWWG G MC78L zzACP ALYWWG G
1 23
1 23
zz = 05, 08, 09, 12, 15, 18 or 24 A = Assembly Location L = Wafer Lot Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
http://onsemi.com
14
MC78L00A Series, NCV78L00A
PACKAGE DIMENSIONS
SOIC-8 NB D SUFFIX CASE 751-07 ISSUE AF
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
15
MC78L00A Series, NCV78L00A
PACKAGE DIMENSIONS
TO-92 (TO-226) P SUFFIX CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
DIM A B C D G H J K L N P R V
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
16
MC78L00A/D


▲Up To Search▲   

 
Price & Availability of MC78L12ABDG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X